Part Number Hot Search : 
001547 SDA40AHF 68HC705 DI200 AK93C95A 21173668 AK93C95A ZTT400MG
Product Description
Full Text Search
 

To Download IDTQS32XR862 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS32XR862 HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS IDTQS32XR862 HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH WITH FLOW-THROUGH PINOUT
FEATURES:
- - - - - - Enhanced N channel FET with no inherent diode to Vcc 2.5 bidirectional switches connect inputs to outputs Zero propagation delay, zero ground bounce Undershoot clamp diodes on all switch and control pins Active Low and High enable controls Available in 48-pin QVSOP Package
DESCRIPTION:
The QS32XR862 provides two sets of ten high-speed CMOS, TTLcompatible, active high, low resistance bus switches. The very low ON resistance (2.5) of the QS32XR862 allows inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce noise. The switches are controlled by independent active Low Enable (BE) and active High Enable (BE) controls for each set. The QS32XR862 is ideal for switching digital buses as well as for hot plug buffering and 5V to 3.3V conversion. The low ON resistance of the QS32XR862 makes it ideal for PCI hot -docking applications. The QS32XR862 is characterized for operation at -40C to +85C.
APPLICATIONS
- - - - - - - Hot-swapping and hot-docking (low RON resistance for PCI and Compact PCI applications) Voltage translation (5V to 3.3V) Power conservation Capacitance reduction and isolation Applications requiring Low resistance and active High enabling Bus isolation Clock gating
FUNCTIONAL BLOCK DIAGRAM
A0 B0
A9
B9
BE1 BE1
A10
B10
A19
B19
BE2 BE2
INDUSTRIAL TEMPERATURE RANGE
1
c 1999 Integrated Device Technology, Inc.
NOVEMBER 1999
DSC-5540/-
IDTQS32XR862 HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE (1) Unit V V V V mA W C
PIN CONFIGURATION
BE1 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 GND BE2 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 Vcc BE1 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 Vcc BE2 B10 B11 B12 B13 B14 B15 B16 B17 B18 B19
ABSOLUTE MAXIMUM RATINGS
Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation Storage Temperature
Max. - 0.5 to +7 - 0.5 to +7 - 0.5 to +7 -3 120 .5 - 65 to +150
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc Terminals. 3. All terminals except Vcc.
CAPACITANCE
(TA = +25OC, f = 1.0MHz, VIN = 0V, VOUT = 0V)
Pins Control Inputs Quickswitch Channels (Switch OFF) Typ. 3 5 Max. (1) 4 6 Unit pF pF
NOTE: 1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names BE BE A0 - A19 B0 - B19 I/O I I I/O I/O Description Active LOW Bus Enable Active HIGH Bus Enable Bus A Bus B
FUNCTION TABLE(1)
BE1 L L H H BE2 L L H BE1 L H L H BE2 L H L H A0 - A9 Hi-Z Hi-Z B0 - B9 Hi-Z A10 - A19 Hi-Z Hi-Z B10 - B19 Hi-Z Disconnect Disconnect Connect Disconnect Disconnect Disconnect Connect Disconnect Function Function
QVSOP TOP VIEW
H
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level Z = High-Impedence
2
IDTQS32XR862 HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIN IOZ RON RON VP Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Switch ON Resistance Switch ON Resistance Pass Voltage (2) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V BEn, BEn Vcc 0V VOUT Vcc, Switches OFF Vcc = Min., VIN = 0V, ION = 30mA Vcc = Min., VIN = 2.4V, ION = 15mA VIN = Vcc = 5V, IOUT = -5A Min. 2 -- -- -- -- -- 3.7 Typ.(1) -- -- 0.01 0.01 2.5 4 4 Max. -- 0.8 1 1 5 8.5 4.3 Unit V V A A V
NOTES: 1. Typical values are at VCC = 5.0V, TA = 25C. 2. Pass voltage is guaranteed but not production tested.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
RON
(ohms)
16 14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN
(Volts)
3
IDTQS32XR862 HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Control Input HIGH (3) Dynamic Power Supply Current per MHz (4) Test Conditions(1) VCC = Max., BEn = GND or Vcc, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A and B pins open Control Inputs Toggling at 50% Duty Cycle Typ.(2) 0.2 -- -- Max. 6 2.5 0.25 Unit A mA mA/MHz
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Typical values are at VCC = 5.0V, TA = 25C. 3. Per TLL driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to Icc. 4. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5.0V 10% CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ Parameter Data Propagation Delay (2,3) An to/from Bn Switch Turn-on Delay BEn or BEn to An/Bn Switch Turn-off Delay (2) BEn to An/Bn Min. (1) -- 1.5 1.5 Typ. -- -- -- Max. 0.12 5.6 4.5 Unit
ns ns ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.12ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS32XR862 HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package X Process
Blank
Industrial (-40C to +85C)
Q1
QVSOP
32XR862
High Speed CMOS 20-Bit Low Resistance, Active High Bus Switch with Flow-Through Pinout
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2. The IDT logo, QuickSwitch, and SynchroSwitch are registered trademarks of Integrated Device Technology, Inc.
5


▲Up To Search▲   

 
Price & Availability of IDTQS32XR862

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X